Part Number Hot Search : 
SLA50 SMAJ36 79L18 2310A STU12 3026BI01 TA1230Z MAX2036
Product Description
Full Text Search
 

To Download TLP350F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLP350F
TOSHIBA Photocoupler GaAAs IRED + Photo IC
TLP350F
Industrial Inverter Inverter for Air Conditioner IGBT/Power MOSFET Gate Drive IH(Induction Heating)
The TOSHIBA TLP350F consists of a GaAAs light-emitting diode and an integrated photodetector. This unit is an 8-lead DIP package. The TLP350F is suitable for gate driving IGBTs or power MOSFETs. Absolute maximum ratings and electrical characteristics are the same as TLP350technical datasheet. * * * * * * * * * * Peak output current: IO = 2.5A (max) Guaranteed performance over temperature: -40 to 100C Supply current:ICC = 2 mA (max) Power supply voltage: VCC = 15 to 30 V Threshold input current : IFLH = 5 mA (max) Switching time (tpLH/tpHL) : 500 ns (max) Common mode transient immunity: 15 kV/s Isolation voltage: 3750 Vrms UL Recognized : UL1577,File No.E67349 Option(D4) VDE Approved : DIN EN 60747-5-2 Maximum Operating Insulation Voltage : 1140VPK Highest Permissible Over Voltage Please designate "Option(D4)" : 6000VPK TOSHIBA 11-10C402 Unit: mm
Weight: 0.54 g (typ.)
Pin Configuration (top view)
1 2 8 7 6 5 1: NC 2: Anode 3: Cathode 4: NC 5: GND 6: VO (output) 7: NC 8: VCC
(Note): When an EN60747-5-2 approved type is needed,
*
Construction mechanical rating 7.62mm pitch TLP350 type 6.4 mm (min) 6.4 mm (min) 0.4 mm (min) 10.16mm pitch TLP350F type 8.0 mm (min) 8.0 mm (min) 0.4 mm (min)
3 4
Creepage distance Clearance Insulation thickness
Truth Table
Input H L LED ON OFF Tr1 ON OFF Tr2 OFF ON Output H L
Schematic
(Tr1) IF 2+ VF 3- (Tr2)
ICC 8 VCC
IO 6 VO 5 GND
A 0.1 F bypass capacitor must be connected between pins 8 and 5. (See Note 6)
1
2007-10-01
TLP350F
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * GaAs(Gallium Arsenide) is used in this product. The dust or vapor is harmful to the human body. Do not break, cut, crush or dissolve chemically. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
2
2007-10-01


▲Up To Search▲   

 
Price & Availability of TLP350F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X